PART |
Description |
Maker |
535080-5 |
Eurocard Type C and Enhanced Type C Connectors .100 Centerline - 3 Row; 150 EURO TYPE C RECEPT AP ASSY ( AMP )
|
Tyco Electronics
|
535034-5 |
Eurocard Type C and Enhanced Type C Connectors .100 Centerline - 3 Row; 048 EURO TYPE C RECEPT AP ASSY ( AMP )
|
Tyco Electronics
|
NJG1312PC1 NJG1312PC1-C2 NJG1312PC1-C3 NJG1312PC1- |
FILTER HELICAL 515MHZ TYPE 5HT 单刀双掷开关驱动AMPLIFIRE砷化镓微波单片集成电 FILTER HELICAL 735MHZ TYPE 5HT 单刀双掷开关驱动AMPLIFIRE砷化镓微波单片集成电 FILTER HELICAL 1010MHZ TYPE 5HT FILTER HELICAL 360MHZ TYPE 5HT FILTER HELICAL 480MHZ TYPE 5HT FILTER HELICAL 655MHZ TYPE 5HT FILTER HELICAL 1305MHZ TYPE 5HW SPDT SWITCH DRIVER AMPLIFIRE GaAs MMIC
|
New Japan Radio Co., Ltd. NJRC[New Japan Radio]
|
L8231 L8231-21 L8231-22 L8231-23 L8231-32 L8231-44 |
2V; 0.2mW; laser diode: repectacle type, 1.3um, 1.25, 2.5Gbps. For optical fiber communications, fiber channel, gigabit ethernet, HDTV, SDH Receptacle type, 1.3 レm, 1.25, 2.5 Gbps 插座类型.3レ米.25.5 Gbps CAP 1.5PF 50V /-0.25PF C0G SMD-0402 TR-7-PA SN100 插座类型.3レ米.25.5 Gbps Receptacle type/ 1.3 m/ 1.25/ 2.5 Gbps Receptacle type, 1.3 m, 1.25, 2.5 Gbps Receptacle type 1.3 m 1.25 2.5 Gbps Receptacle type, 1.3 μm, 1.25, 2.5 Gbps FIBER OPTIC LASER DIODE EMITTER, 1250Mbps, PANEL MOUNT, SC CONNECTOR
|
Hamamatsu Photonics K.K. HAMAMATSU[Hamamatsu Corporation]
|
AQV414AX |
PhotoMOS relay, GU (general use) type [1-channel (form B) type]. AC/DC type. I/O isolation: 1.500 V AC. Output rating: load voltage 400 V, load current 120 mA. Surface-mount terminal, tape and reel packing style, picked from the 1/2/3-pin
|
Matsushita Electric Works(Nais)
|
SLI-570YT SLI-570 SLI-570DT SLI-570UT |
High Brightness Type 5.0 Circular Type LED Lamps <Mid Focus Type 2 1/2:25> High Brightness Type 5.0 Circular Type LED Lamps
|
Rohm CO.,LTD. ROHM[Rohm]
|
DSS6NC52A471Q55B DSS6NC52A101Q55B DSS6NC52A102Q55B |
Leaded EMIFILr (Three-terminal Capacitor type) Small Type DSN6/DSS6 Series Leaded EMIFIL (Three-terminal Capacitor type) Small Type
|
Murata Manufacturing Co., Ltd. Murata Manufacturing Co., L... Murata Manufacturing Co...
|
MX29LV081TI-70 |
USB 2.0 Cable Assembly; Connector Type A:USB Type A Male; Connector Type B:5 Way Crimp RoHS Compliant: Yes
|
Macronix International Co., Ltd.
|
HCF40192B HCF40192BC1 HCF40192BEY HCF40192BF HCF40 |
Quadruple Differential Line Receiver 16-SOIC 0 to 70 预置向上/向下计数器(双时钟带复位0192B BCD码型40193B BINARY类型 PRESETTABLE UP/DOWN COUNTERS (DUAL CLOCK WITH RESET) 40192B ? BCD TYPE 40193B ? BINARY TYPE PRESETTABLE UP/DOWN COUNTERS (DUAL CLOCK WITH RESET) 40192B BCD TYPE 40193B BINARY TYPE PRESETTABLE UP/DOWN COUNTERS (DUAL CLOCK WITH RESET) 40192B-BCD TYPE , 40193B-BINARY TYPE PRESETTABLE UP/DOWN COUNTERS - 40192B BCD TYPE 40193B BINARY TYPE
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics ST Microelectronics
|
BC868-16-CCC BC868-25-CDC BC868 BC868-CAC BC86825 |
Obsolete SOT89 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR Type:PC Board; Terminal Type:Push-On; Voltage Rating:125V RoHS Compliant: Yes ; Mounting Type:Chassis Mount; Terminal Type:Push-On; Voltage Rating:125V RoHS Compliant: Yes
|
Philips Semiconductors ZETEX[Zetex Semiconductors]
|
SLC-22YY SLC-22 SLC-22DU SLC-22MG SLC-22VR |
Standard Type 2.0 Cylinder Type LED Lamps Small cylindrical LEDs (.0 mm)
|
ROHM[Rohm] Rohm CO.,LTD.
|